Part Number Hot Search : 
PI3B3244 160CA IDT74A TOR113 64LE602 D75308 SA12040 2SB1018A
Product Description
Full Text Search
 

To Download UKWOJ331MDD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
KW
Specifications
Item
Standard, For Audio Equipment
series
Realization of a harmonious balance of sound quality, made possible by the development of new electrolyte. Most suited for AV equipment like DVD, MD. Adapted to the RoHS directive (2002/95/EC).
KW
High Sound Quality
FW
Performance Characteristics
Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current
- 40 ~ +85C 6.3 ~ 100V 0.1 ~ 33000F 20% at 120Hz, 20C After 1 minute's application of rated voltage, leakage current is not more than 0.03 CV or 4 (A) , whichever is greater. After 2 minutes' application of rated voltage, leakage current is not more than 0.01 CV or 3 (A) , whichever is greater.
Rated voltage (V) tan (MAX.)
tan
6.3 0.28
10 0.24
16 0.20
25 0.16
35 0.14
50 0.12
63 0.10
100 0.08
Measurement frequency : 120Hz, Temperature : 20C
For capacitance of more than 1000F, add 0.02 for every increase of 1000F. Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio ZT / Z20 (MAX.) Z- 40C / Z+20C
6.3 5 12
10 4 10
16 3 8
25 2 5
35 2 4
50 2 3
63 2 3
100 2 3
Endurance
After 2000 hours' application of voltage at 85C, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 20% of initial value 200% or less of initial specified value Initial specified value or less
Shelf Life Marking
After sroring the capacitors under no load at 85C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with gold color letter on black sleeve.
Radial Lead Type
Sleeve (P.E.T.)
Type numbering system (Example : 10V 1000F)
Bd
P 0.5
U KW 1 A 1 0 2 M PD
(mm) 18 7.5 0.8 0.5 20 10 1.0 0.5 22 10 1.0 1.0 25 12.5 1.0 1.0
1 2 3 4 5 6 7 8 9 10 11
BD+
BD Bd
P
5 2.0 0.5 0.5
6.3 2.5 0.5 0.5
8 3.5 0.6 0.5
10 5.0 0.6 0.5
12.5 5.0 0.6 0.5
16 7.5 0.8 0.5
Pressure relief vent (B 6.3up)
(BD < 20) 1.5
L+
(BD
MAX.
20) 2.0
Configuration Capacitance tolerance Pb-free leadwire BD (20%) Pb-free PET sleeve 5 Rated Capacitance (1000F) DD ED Rated voltage (10V) 86.3 PD Series name 12.5a1018 ~ HD Type 20 ~ 25 RD
MAX.
15MIN
4MIN
Dimensions
Cap. (F)
* Please refer to page 21 about the end seal configulation.
V
Code
6.3 0J
10 1A
16 1C
25 1E
35 1V
50 1H
5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 12.5 x 20 12.5 x 25 16 x 35.5 18 x 35.5 20 x 40 22 x 50 25 x 50 1.1 2.4 3.5 5.0 10 23 35 40 65 95 120 150 250 410 570 760 1300 2090 2360 2900 3500 4000
63 1J
100 2A
5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 20 12.5 x 25 12.5 x 25 16 x 25 18 x 40 22 x 50 25 x 50 2.1 4.7 7.0 10 21 30 40 45 75 120 160 210 350 600 750 1000 1370 2400 2900
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700 6800 10000 15000 22000 33000
0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 101 221 331 471 102 222 332 472 682 103 153 223 333
6.3 x 11 6.3 x 11 8 x 11.5 10 x 20 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 35.5 18 x 40 22 x 50
265 310 530 980 1170 1350 1600 2000 2550 3200 3900
5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 10 x 12.5 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 35.5 18 x 35.5 20 x 40 22 x 50
145 230 270 330 630 1050 1420 1800 2150 2500 2720 3700 4500
5 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 16 12.5 x 20 12.5 x 25 16 x 25 16 x 35.5 18 x 35.5 20 x 40 22 x 50 25 x 50
155 250 360 420 770 1250 1700 2100 2500 2640 3400 4200 4800
5 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 12.5 10 x 20 12.5 x 25 16 x 25 16 x 31.5 18 x 35.5 20 x 40 22 x 50 25 x 50
115 185 320 420 530 950 1550 1950 2360 2590 3000 3800 4500
5 x 11 5 x 11 6.3 x 11 10 x 12.5 10 x 12.5 10 x 16 12.5 x 20 16 x 25 16 x 35.5 18 x 35.5 20 x 40 22 x 50 25 x 50
105 120 200 370 470 630 1100 1800 2220 2490 3000 3700 4300
5 x 11 5 x 11 6.3 x 11 6.3 x 11 10 x 12.5 10 x 16 10 x 20 12.5 x 20 16 x 25 18 x 35.5 20 x 40 22 x 50 25 x 50
70 100 140 165 300 470 650 880 1300 2200 2700 3400 3500
Case size D x L (mm) Rated ripple Rated Ripple (mArms) at 85C 120Hz
Frequency coefficient of rated ripple current
Cap.(F) Frequency
~ 47 100 ~ 470 1000 ~ 33000
50Hz 0.75 0.80 0.85
120Hz 1.00 1.00 1.00
300Hz 1.35 1.23 1.10
1kHz 1.57 1.34 1.13
10kHz ~ 2.00 1.50 1.15
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UKWOJ331MDD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X